PART |
Description |
Maker |
HD4074408 HD4074418 |
(HD4074408 / HD4074418) MICROCONTROLLER
|
Hitachi
|
AT43USB320A AT43USB320ANBSP |
Full-speed USB A compound device, consisting of a 5-port hub, an attached embedded function, and an embedded microc From old datasheet system
|
ramtron Atmel corp
|
TC3403 TC3403VPE |
The TC3403 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It will perform 16-bit conversions (15-bit plus sign) at up to eight per second. The TC3403 is optimized for use as a microc 1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
|
Microchip Microchip Technology Inc.
|
|